Part Number Hot Search : 
25L8006E LM2904YD HITACH D45H11 47000 MC144 PN268Q TDA1013B
Product Description
Full Text Search
 

To Download MBR1060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1035-MBR1060
MBR1035 - MBR1060
Features * * * * * *
Low power loss, high efficiency. High surge capacity. For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications. Metal silicon junction, majority carrier conduction. High current capacity, low forward voltage drop. Guard ring for over voltage protection.
PIN 1 + + PIN 2 CASE Positive CASE
1
2
TO-220AC
Schottky Rectifiers
Absolute Maximum Ratings*
Symbol
VRRM IF(AV) IFSM Tstg TJ
TA = 25C unless otherwise noted
Parameter
1035 Maximum Repetitive Reverse Voltage Average Rectified Forward Current Non-repetitive Peak Forward Surge Current 8.3 ms Single Half-Sine-Wave Storage Temperature Range Operating Junction Temperature 35
Value
1045 45 10 150 -65 to +175 -65 to +150 1050 50 1060 60
Units
V A A C C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
Symbol
PD RJA RJL Power Dissipation Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Lead
Parameter
Value
2.0 60 2.0
Units
W C/W C/W
Electrical Characteristics
Symbol
VF Forward Voltage
TA = 25C unless otherwise noted
Parameter
1035 IF = 10 A, TC = 25C IF = 10 A, TC = 125C IF = 20 A, TC = 25C IF = 20 A, TC = 125C Reverse Current @ rated VR TA = 25C TA = 125C Peak Repetitive Reverse Surge Current 2.0 us Pulse Width, f = 1.0 KHz 0.57 0.84 0.72
Device
1045 1050 0.80 0.70 0.95 0.85 0.1 15 1.0 0.5 1060
Units
V V V V mA mA A
IR IRRM
2001 Fairchild Semiconductor Corporation
MBR1035 - MBR1060, Rev. C
MBR1035-MBR1060
Schottky Rectifier
(continued)
Typical Characteristics
Average Rectified Forward Current, IF [A]
10
MBR1035-MBR1045
Peak Forward Surge Current, IFSM [A]
12
175 150 125 100 75 50 25 0.1
8
MBR1050-MBR1060
6 4 2 0
SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" (9.00mm) LOAD LENGTHS
0
25
50 75 100 125 Ambient Temperature [C]
150
175
1 10 Number of Cycles at 60Hz
100
Figure 1. Forward Current Derating Curve
Figure 2. Non-Repetitive Surge Current
50
T A = 150 C TA = 25 C
20 10 Reverse Current, IR [mA]
MBR1035-MBR1045 T A = 125 C
Forward Current, IF [A]
10
1
MBR1035-MBR1045
MBR1050-MBR1060 TA = 75 C
1
MBR1050-MBR1060
0.1
MBR1035-MBR1045
0.1
Pulse Width = 300S 2% Duty Cycle
0.01
TA = 25 C MBR1050-MBR1060
0.01
0
0.2
0.4 0.6 0.8 Forward Voltage, VF [V]
1
1.2
0.001
0
20 40 60 80 100 120 Percent of Rated Peak Reverse Voltage [%]
Figure 3. Forward Voltage Characteristics
Figure 4. Reverse Current vs Reverse Voltage
5000 Transient Thermal Impedance [C/W]
100
Total Capacitance, CT [pF]
2000 1000
MBR1035-MBR1045
10
500
MBR1050-MBR1060
1
200 100 0.1
1 10 Reverse Voltage, VR [V]
100
0.1 0.01
0.1
1 10 Pulse Duration [s]
100
Figure 5. Total Capacitance
Figure 6. Thermal Impedance Characteristics
2001 Fairchild Semiconductor Corporation
MBR1035 - MBR1060, Rev. C
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of MBR1060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X